PART |
Description |
Maker |
21.305.0853.0 21.341.5653.0 21.305.1053.0 21.305.0 |
Terminal Block; No. of Positions:8; Pitch Spacing:0.315"; Wire Size (AWG):22-16; Mounting Type:Panel; No. of Contacts:8 RoHS Compliant: Yes 10 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:6; Pitch Spacing:0.531"; Wire Size (AWG):22-10; Mounting Type:Panel; Number of Contacts:6 40 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:10; Pitch Spacing:0.315"; Wire Size (AWG):22-16; Mounting Type:Panel; Leaded Process Compatible:No; Number of Contacts:10; Peak Reflow Compatible (260 C):No 10 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:4; Pitch Spacing:0.315"; Wire Size (AWG):22-16; Mounting Type:Panel; Number of Contacts:4 10 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:8; Pitch Spacing:0.531"; Wire Size (AWG):22-10; Mounting Type:Panel; Number of Contacts:8 40 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:8; Pitch Spacing:0.571"; Wire Size (AWG):22-6; Mounting Type:Panel; Leaded Process Compatible:No; Number of Contacts:8; Peak Reflow Compatible (260 C):No 75 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Mounting Type:Panel RoHS Compliant: Yes 65 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:10; Pitch Spacing:0.571"; Wire Size (AWG):22-6; Mounting Type:Panel; Number of Contacts:10 75 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; No. of Positions:5; Pitch Spacing:14.5mm; Wire Size (AWG):6-22; Mounting Type:Panel; Color:Ivory 75 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:6; Pitch Spacing:0.472"; Wire Size (AWG):22-12; Mounting Type:Panel; Number of Contacts:6 40 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK 20 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
OSR7CA56A1A |
4.8mm Straw Red LED 4.8mm Straw Standard Directivity High Luminous LEDs
|
OptoSupply International
|
QTLP660C-2 QTLP660C-3 QTLP660C-4 QTLP660C-7 QTLP66 |
Cree 430nm Blue Surface Mount LED Lamp - Standard Bright 1.8mm (Dome Lens) SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens) T-3/4 SINGLE COLOR LED, RED, 1.8 mm
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN |
(193.00 k) 93.00十一 DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一 Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制 EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
|
XP Power, Ltd. Intel Corp. INTEL[Intel Corporation] Panasonic Semiconductor
|
APED3528QBC_D-F01 APED3528QBC APED3528QBC-D-F01 AP |
3.5 x2.8mm SMD CHIP LED LAMP SINGLE COLOR LED, BLUE, 2.6 mm
|
Kingbright, Corp. Kingbright Corporation. KINGBRIGHT[Kingbright Corporation]
|
1913X004 |
LED Indicator 8mm Recessed (Interior) Bezel Tri-Colour LED
|
Chicago Miniature Lamp,inc
|
1910X004 |
LED Indicator 8mm Superflat Bezel Tri-Colour LED
|
Chicago Miniature Lamp,inc
|
1912X004 |
LED Indicator 8mm Superflat Bezel Tri-Colour LED
|
Chicago Miniature Lamp,inc
|
AA3528APR7C-A AA3528APR7C_A AA3528AXXX AA3528APR7C |
T-1 SINGLE COLOR LED, PURPLE, 2.4 mm 3.5x2.8mm SURFACE MOUNT LED LAMP
|
Kingbright Corporation
|
APED3528SURCK-F01 |
3.5 x2.8mm SMD CHIP LED LAMP SINGLE COLOR LED, HYPER RED, 2.6 mm
|
Kingbright, Corp. KINGBRIGHT[Kingbright Corporation]
|
50011-8000 50011-8100 |
Crimp Socket Contact; Wire Size (AWG):30-24; Contact Current:2A; Contact Plating:Tin; Series:50011; Strip Length:2.1mm; Operating Temp. Min:-20 C; Pitch Spacing:2mm; Reel Quantity:10000; Voltage Rating:125V RoHS Compliant: Yes Crimp Socket Contact; Wire Size (AWG):30-24; Contact Plating:Tin; Series:50011; Strip Length:2.1mm; Operating Temp. Min:-20 C; Pitch Spacing:2mm; Voltage Rating:125V RoHS Compliant: Yes
|
MOLEX INC
|